PART |
Description |
Maker |
ISL3034E ISL3034EIRTZ ISL3034EIRTZ-T ISL3034EIRUZ- |
4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators; Temperature Range: -40°C to 85°C; Package: 16-uTQFN T&R 4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators; Temperature Range: -40°C to 85°C; Package: 14-TQFN T&R CMOS TO ECL TRANSLATOR, TRUE OUTPUT, PQCC16
|
Intersil, Corp. Intersil Corporation
|
CS82C55A-596 |
CMOS Programmable Peripheral Interface; Temperature Range: 0°C to 70°C; Package: 44-PLCC T&R 24 I/O, PIA-GENERAL PURPOSE, PQCC44
|
Intersil, Corp.
|
ISL9205IRZ-T |
Li-ion Battery Charger; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC16
|
Intersil, Corp.
|
ICL766005 ICL7660CBAZ ICL7660CBAZA ICL7660CPAZ ICL |
CMOS Voltage Converters; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R SWITCHED CAPACITOR CONVERTER, 10 kHz SWITCHING FREQ-MAX, PDSO8 Simple Conversion of 5V Logic Supply to ±5V Supplies
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ISL6610CRZ ISL6610CBZ ISL6610 ISL6610A ISL6610ACBZ |
Dual Synchronous Rectified MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R 4 A BUF OR INV BASED MOSFET DRIVER, PQCC16
|
Intersil, Corp. Intersil Corporation
|
ISL29023IROZ-EVALZ ISL29023IROZ-T7 ISL29023 |
Integrated Digital Ambient Light Sensor with Interrupt Function; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp. Intersil Corporation
|
HIP6604BCRZ-T |
Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R 0.73 A HALF BRDG BASED MOSFET DRIVER, PQCC16
|
Intersil, Corp. INTERSIL CORP
|
ISL1209IU10-ZTK |
Low Power RTC with Battery Backed SRAM and Event Detection; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R REAL TIME CLOCK, PDSO8
|
Intersil, Corp.
|
ISL29010 ISL29010IROZ-EVALZ ISL29010IROZ-T7 |
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp. Intersil Corporation
|
ISL29013IROZ-T7 |
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp.
|